Part Number Hot Search : 
40008 1N6293A T6250125 M3055 AM29L SY88853V STK4211 AX113E
Product Description
Full Text Search
 

To Download MBR10150CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MBR10150CT 1 0 a m p high voltage features high junction temperature capability good trade off between leakage current and forward volage drop low leakage current mcc catalog number maximum r e current peak reverse voltage maximum rms voltage maximum dc blocking voltage m b r 10 15 0 ct 15 0 v 105v 150 v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 10 a t c = 1 5 5 c peak forward surge current i fsm 1 20 a 8.3 ms half si ne maximum instantaneous forward voltage m b r 1 0 1 5 0 ct v f . 9 2 v                        i fm = 5a t j = 2 5 c  inches mm        a .600 .620 15.25 15.75 b .393 .409 10.00 10.40 n 0 . 1 0 2 t y p . 2 . 6 t y p .  pin 1 pin 3 pin 2 case a b c k j i h g f e d n m l h 150volts to-220ab p i n 13 maximum ratings operating j u n c ti o n temperature : 1 50 c storage temperature: - 50 c to + 1 50 c p er d i o de thermal resistance 4c/w junction to case         
 omp onents 21201 itasca street chatsworth               !  " #   $
%         !   " #    c .104 .116 2.65 2.95 d .244 .259 6.20 6.60 e .356 .361 9.05 9.15 f .137 .154 3.50 3.93 g .511 .551 13.00 14.00 h .094 .106 2.40 2.70 i .024 .034 0.61 0.88 j .019 .027 0.49 0.70 k .147 .151 3.75 3.85 l .173 .181 4.40 4.60 m .048 .051 1.23 1.32 total thermal resistance 2.4c/w junction to case barrier rectifier power schottky maximum reverse current at rated dc blocking voltage i r 50 m a t j = 25 c 7m a t j = 125 c v f .75v i fm = 5a t j = 125 c www.kersemi.com
MBR10150CT 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 if(av) (a) pf(av)(w) d = 0.05 d = 0.1 d = 0.2 d = 0.5 d = 1 t d =tp/t tp fig. 1: average forward power dissipation versus average forward current (per diode). 0 25 50 75 100 125 150 175 0 1 2 3 4 5 6 tamb(c) if(av)(a) rth(j-a)=rth(j-c) rth(j-a)=15c/w t d =tp/t tp fig. 2: average forward current versus ambient temperature ( d = 0.5, per diode). 1e-3 1e-2 1e-1 1e+0 0 10 20 30 40 50 60 70 80 t(s) im(a) tc=50c tc=75c tc=125c i m t d =0.5 fig. 3: non repetitive surge peak forward current versus overload duration (maximum values, per diode). 1e-3 1e-2 1e-1 1e+0 0.0 0.2 0.4 0.6 0.8 1.0 tp(s) zth(j-c)/rth(j-c) d = 0.5 d = 0.2 d = 0.1 single pulse t d =tp/t tp fig. 4: relative variation of thermal impedance junction to case versus pulse duration (per diode). 0 25 50 75 100 125 150 1e-2 1e-1 1e+0 1e+1 1e+2 1e+3 1e+4 1e+5 vr(v) ir(a) tj=75c tj=25c tj=125c tj=150c tj=175c fig. 5: reverse leakage current versus reverse voltage applied (typical values, per diode) 1 2 5 10 20 50 100 200 10 20 50 100 200 vr(v) c(pf) f=1mhz tj=25c fig. 6: junction capacitance versus reverse voltage applied (typical values, per diode). www.kersemi.com
MBR10150CT 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1.0 10.0 100.0 vfm(v) ifm(a) tj=125c tj=25c tj=125c typical values fig. 7: forward voltage drop versus forward current (maximum values, per diode). 0 2 4 6 8 101214161820 0 10 20 30 40 50 60 70 80 s(cm2) rth(j-a) (c/w) fig. 8: thermal resistance junction to ambient versus copper surface under tab (epoxy printed circuit board, copper thickness: 35m) (stps10150cg only). www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBR10150CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X